Part Number Hot Search : 
1N3331R 80ZFP PE430608 15VXR180 284319 2KBP02 CRO2700A H11AX
Product Description
Full Text Search
 

To Download APHHS1005QBCD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaj8746 rev no: v.7b date: jul/01/2016 page: 1 of 5 approved: wynec checked: allen liu drawn: w.q.zhong erp: 1203008565 1.0x0.5mm smd chip led lamp attention observe precautions for handling electrostatic discharge sensitive devices part number: aphhs1005qbc/d blue features z 1.0mmx0.5mm smd led, 0.5mm thickness. z low power consumption. z wide viewing angle. z ideal for backlight and indicator. z package: 2000pcs / reel . z moisture sensitivity level : level 3. z rohs compliant. descriptions z the blue source color devices are made with ingan light emitting diode. z electrostatic discharge and power surge could damage the leds. z it is recommended to use a wrist band or anti- electrostatic glove when handling the leds. z all devices, equipments and machineries must be electrically grounded. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data descr ibed in the datasheet are subjec t to change without prior notice . 4. the device has a single mounting surface. the devic e must be mounted according to the specifications.
spec no: dsaj8746 rev no: v.7b date: jul/01/2016 page: 2 of 5 approved: wynec checked: allen liu drawn: w.q.zhong erp: 1203008565 selection guide absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c part no. emitting color (material) lens type viewing angle [1] min. typ. 2 1/2 aphhs1005qbc/d blue (ingan) water clear 40 60 140 iv (mcd) [2] @ 20ma symbol parameter emitting color typ. max. units test conditions peak peak wavelength blue 460 nm i f =20ma d [1] dominant wavelength blue 465 nm i f =20ma ? 1/2 spectral line half-width blue 25 nm i f =20ma c capacitance blue 100 pf v f =0v;f=1mhz v f [2] forward voltage blue 3.3 4 v i f =20ma i r reverse current blue 50 ua v r =5v parameter values units power dissipation 120 mw dc forward current 30 ma peak forward current [1] 150 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c electrostatic discharge threshold (hbm) 250 v notes: 1. 1/2 is the angle from optical centerline where the lu minous intensity is 1/2 of the optical peak value. 2. luminous intensity / luminous flux: +/-15%. 3. luminous intensity value is traceable to cie127-2007 st andards. notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v. 3. wavelength value is traceable to cie127-2007 standards. 4. excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradat ion or premature failure. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. relative humidity levels maintained between 40% and 60% in pr oduction area are recommended to avoid the build-up of static electricity ? ref jedec/jesd625-a and jedec/j-std-033.
spec no: dsaj8746 rev no: v.7b date: jul/01/2016 page: 3 of 5 approved: wynec checked: allen liu drawn: w.q.zhong erp: 1203008565 blue aphhs1005qbc/d
spec no: dsaj8746 rev no: v.7b date: jul/01/2016 page: 4 of 5 approved: wynec checked: allen liu drawn: w.q.zhong erp: 1203008565 aphhs1005qbc/d reflow soldering is recommended and th e soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsaj8746 rev no: v.7b date: jul/01/2016 page: 5 of 5 approved: wynec checked: allen liu drawn: w.q.zhong erp: 1203008565 packing & label specifications aphhs1005qbc/d terms and conditions for the usage of this document 1. the information included in this document reflects represen tative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the datasheet. if customer us age exceeds the specified limi ts, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or medical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-t ransmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes


▲Up To Search▲   

 
Price & Availability of APHHS1005QBCD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X